Part Number Hot Search : 
R4400SC P1301A2L 7N60A4 30490 PM4381 CDLL4627 00EEE 7108M
Product Description
Full Text Search
 

To Download AN1431 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN1431T, AN1431M
Surface-mount Adjustable Output Shunt Regulator
s Overview
The AN1431T and AN1431M are high accuracy stabilized power supplies in which the output voltage can be adjusted in the range from approx. 2.5 to 36V by using the external resistor under the operating temperature. Because of its fast rise characteristics, it can be replaced with Zener diode and has the wide application range.
AN1431T
5.00.2 5.10.2 4.00.2 Unit : mm
s Features
* High precision reference voltage : 2.5V2% * High-temperature stability : 17ppm/C typ. * Output voltage externally adjustable : 2.5 to 36V * Fast rise * Low input impedance : 0.2 (typ.) * Low output noise voltage
0.45 - 0.1 2.54 2.30.2
231 JEDEC : TO-92 (SSIP003-P-0000)
s Pin Name
AN1431T Pin No. 1 2 3 Cathode Reference pin Anode Pin name
AN1431M
5.00.2 5.10.2 4.00.2
13.50.5
+0.2
Unit : mm
AN1431M Pin No. 1 2 3 Anode Cathode
231
Pin name Reference pin
2.54 0.45 - 0.1 2.30.2
+0.2
s Block Diagram
JEDEC : TO-92 (SSIP003-P-0000)
Current Source Output Tr + Error Amp. -
Voltage Reference
VKA = VREF (1 + R2 = 2.5k
R1 R2
) + IREF * R1
1 3
IK
3 2 1
2
IREF VKA VREF
V1 R1 R2
Pin number in Pin number in
is for the AN1431T. is for the AN1431M.
13.50.5
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Supply current Power dissipation Reference input current Operating ambient temperature Storage temperature AN1431T AN1431M AN1431T AN1431M Symbol VCC ICC PD IREF Vopr Tstg Rating 37 -100 to+150 650 * - 0.05 to+10 -20 to+85 -25 to+80 -55 to+150 -55 to+125 Unit V mA mW mA C C
* For the AN1431M, SM to the printed board (glass epoxy of 20 x 20 x 1.7mm with copper film of 1cm2)
s Recommended Operating Range (Ta=25C)
Parameter Operating supply voltage range Symbol VKA Range VREF (2.5 to 36V)
s Electrical Characteristics (Ta=25C)
Parameter Reference voltage Reference voltage temperature deviation Reference voltage fluctuation Reference input current Reference input current temperature deviation Minimum cathode current Off-state cathode current Dynamic impedance Symbol VREF VREF (Jev) *1 *2 VREF VKA IREF IREF (Jev) * Imin IOFF |ZKA| *3
2
Condition VKA=VREF, IK=10mA VKA=VREF, IK=10mA, Ta=0 to+70C IK=10mA, DVKA=10V to VREF IK=10mA, DVKA=36 to 10V IK=10mA, R1=10k, R2= IK=10mA, R1=10k, R2= , Ta=0 to+70C VKA=VREF VKA=36V, VREF=0V VKA=VREF, IK=1 to 100mA, f < 1kHz =
min 2.45
typ 2.50 3 -1.2 -1 2 0.4 0.4 0.1 0.2
max 2.55 17 -2.7 -2 4 1.2 1.0 1.0 0.5
Unit V mV mV/V mV/V A A mA A
*1
VREF VREF (dev) = VREF (max) -VREF (min)
The temperature coefficient aVREF for the reference input voltage is equivalently given by the following expression. VREF (dev) VREF* x 106 (ppm/C) Ta
VREF (max)
|aVREF|=
VREF (dev)
VREF at Ta=25C For example, assuming the following ; VREF (max) =2500mV (Ta=30C), VREF (min) =2497mV (Ta=0C), (VREF (dev) =3mV), VREF=2499mV (Ta=25C) Ta=70C Then, the following expression is established. 3mV |aVREF| = 2499mV x 106=17.1 (ppm/C) 70C *2 These values are design reference values, not guaranteed ones. *3 The dynamic impedance is defined by the following expression. |ZKA| = VKA IK
*
VREF (min)
Ta IREF IREF (dev) = IREF (max) - IREF (min)
IREF (max)
IREF (dev)
IREF (min)
Ta
The total dynamic impedance at VREF, VKA, IREF, and IREF (dev) is as follows. V R1 |Z| = I = |ZKA| 1 + R 2
s Power Dissipation PD - Ta
1000 900
Mounting onto Substrate : 20 x 20 x 1.7mm Glass Epoxy Substrate, Copper Foil 1cm2 or More
Power Dissipation PD (mW)
800 700 600 500 400 300 200 100 0 0 20
40
60
80 100 120 140 160
Ambient Temperature Ta (C)
s Application Circuits
1.Shunt Regulator
+V VO
2.Constant Current Power Supply
+V IO
3.Constant Current Source
+V
R1 VREF R2
AN1431T/M AN1431T/M AN1431T/M
RS RS
VO = 1+
R1 V R2 REF
IO =
VREF RS
IO =
VREF RS
IO
4.Current Boost
+V VO
5.Adjustable Output Regulator Combined with 3-pin Regulator
+V
VO
AN7805
R1 R1
VREF R2
AN1431T/M
CI
AN1431T/M
VREF
CO
R2
VO = 1+
R1 V R2 REF VO = VREF 1+
R1 = VREF + 5V V R2 O (min)
s Characteristics Curve VREF - Ta
2700 2650 2600 2550 2500 2450 2400 2350 -50 -25 4
IREF - Ta
Reference Input Current IREF (A)
IK=10mA R1=10k R2= 3
VK=VREF IK=10mA
Reference Voltage VREF (mV)
2
1
0
25
50
75
100 125
-40 -20
0
20
40
60
80
100
Ambient Temperature Ta (C)
Ambient Temperature Ta (C)


▲Up To Search▲   

 
Price & Availability of AN1431

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X